|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
raltron electronics corporation 10651 nw 19th st. miami, florida 33172 u.s.a. tel: 305-593-6033 fax: 305-594-3973 e-mail: sales@raltron.com internet: http://www.raltron.com temperature compensated crystal oscillator series rtx-781 specifications features outline drawing part numbering system marking area 6.20 .244 8.70 max 5.0 .197 4.0 .157 0.5 dia .019 dia .343 max 3.10 dia .122 dia 4.0 .157 1.0 .039 2.5 .098 0.5 .020 1 2 3 15.54 .612 11.90 .469 7.92 .312 18.30 .720 series RTXO-781 frequency range 9.00 mhz to 24.00 mhz 1.50 mhz to 24.00 mhz frequency stability over operating temperature range c: 1.5 ppm d: 2.0 ppm e: 2.5 ppm operating temperature range jz: -10c to 70c lz: -20c to 70c f1: -30c to 75c frequency stability vs. supply voltage variation 0.5 ppm at 5.0 vdc 5% frequency stability vs. load variation 0.5 ppm at 10 kohm // 10 pf aging 1 ppm per year storage temperature range -40c to 85c input voltage +5.0 vdc 5% current 5.0 ma max 15.0 ma max output waveform clipped sinewave level +1.0 v p-p hcmos load 10 k ohm // 10 pf 10 ttl or 15 pf frequency adjustment 3 ppm min by internal trimmer type revision - series frequency stability temperature range - waveform - frequency rtx tbd* 781 c: 1.5 ppm d: 2.0 ppm e: 2.5 ppm jz: -10c to +70c lz: -20c to +70c f1: -30c to +75c s: clipped sine c: hcmos in mhz pin connection scale none dimension in mm inch pin function 1 gnd 2 output 3 vcc example: rtx*-781ef1s-18.432 low profile package tolerance and stability to 2.5 ppm low cost
|
Price & Availability of RTXO-781 |